|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SMBJ5.0A~170CA 600W Surface Mount Transient Voltage Suppressor SMB Features Stand-off voltage from 5.0 to 170 volts 600W Peak Pulse Power capability on 10/1000 s waveform repetition rate(duty cycle): 0.01% Fast response time: typically less than 1.0ps from 0v to VBR Low incremental surge resistance, excellent clamping capability Typical IR less than 1 uA above 10V High temperature soldering guaranteed:250C/10 seconds at terminals This series is UL recognized under component index. File number E315008 RoHS Compliant Mechanical Data Case: Epoxy: Terminals: Polarity: Weight: SMB JEDEC DO-214AA molded plastic Meets UL 94V-0 flammability rating Plated axial leads, solderable per MIL-STD-750, Method 2026 Cathode indicated by color band except Bi-directional 0.003 ounces, 0.093 gram Maximum Ratings (T Ambient=25C unless noted otherwise) Symbol Description Stand-Off Voltage Peak Pulse Power Dissipation on 10/1000 us waveform Peak Pulse current on 10/1000 us waveform Steady State Power Dissipation Peak Forward Surge Current Maximum Instantaneous Forward Voltage Operating and Storage 3.5 5.0 -55 to 150 Value 5.0 to 170 600 Minimum See Table 5.0 100 Unit V W A W A Non-repetitive current pulse Non-repetitive current pulse At TL(Lead Temperature)=75C (Note 1) Note 1 &2 Conditions V WM PPPM IPPM PM(AV) IFSM VF VWM <100 VWM 100 V C IPP=25A, Note 2 TJ,TSTG Temperature Range TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Tel: (800)-247-2232 Fax: (800)-TAITFAX (800)-TAITRON (800)-824-8329 (661)-257-6060 (661)-257-6415 Rev. C/AH 2007-08-01 Page 1 of 5 600W Surface Mount Transient Voltage Suppressor SMBJ5.0A~170CA Note: (1) PCB mounted on copper pad area of 0.2" x 0.2" (5.0mmx5.0mm). (2) 8.3ms single half sine-wave superimposed on rated load (uni-direction only), TL=75C Electrical Characteristics (T Ambient=25C unless noted otherwise) Device Marking Code Stand-Off Voltage Breakdown Voltage @ Test Current Max. Clamping Voltage @ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM P/N (note1) V BR IT(mA) Min. 6.4 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 Max. 7.07 7.37 7.98 8.6 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 1.0 1.0 1.0 1.0 1.0 1.0 10 IPPM VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 Uni-Polar SMBJ5.0A SMBJ6.0A SMBJ6.5A SMBJ7.0A SMBJ7.5A SMBJ8.0A SMBJ8.5A SMBJ9.0A SMBJ10A SMBJ11A SMBJ12A SMBJ13A SMBJ14A SMBJ15A SMBJ16A SMBJ17A SMBJ18A SMBJ20A SMBJ22A SMBJ24A SMBJ26A SMBJ28A SMBJ30A SMBJ33A Bi-Polar SMBJ5.0CA SMBJ6.0CA SMBJ6.5CA SMBJ7.0CA SMBJ7.5CA SMBJ8.0CA SMBJ8.5CA SMBJ9.0CA SMBJ10CA SMBJ11CA SMBJ12CA SMBJ13CA SMBJ14CA SMBJ15CA SMBJ16CA SMBJ17CA SMBJ18CA SMBJ20CA SMBJ22CA SMBJ24CA SMBJ26CA SMBJ28CA SMBJ30CA SMBJ33CA Uni KE KG KK KM KP KR KT KV KX KZ LE LG LK LM LP LR LT LV LX LZ ME MG MK MM Bi AE AG AK AM AP AR AT AV AX AZ BE BG BK BM BP BR BT BV BX BZ CE CG CK CM V WM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 IPPM (A) 65.2 58.3 53.6 50.0 46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.9 24.6 23.1 21.7 20.5 18.5 16.9 15.4 14.3 13.2 12.4 11.3 ID (A) (note2) 800/1600 800/1600 500/1000 200/400 100/200 50/100 20/40 5/10 5/10 5.0 5.0 1.0 1.0 Rev.C/AH 2007-08-01 www.taitroncomponents.com Page 2 of 5 600W Surface Mount Transient Voltage Suppressor SMBJ5.0A~170CA Electrical Characteristics (T Ambient=25C unless noted otherwise) Device Marking Code StandOff Voltage Breakdown Voltage @ Test Current Max. Clamping Voltage@ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM P/N V BR Uni-Polar SMBJ36A SMBJ40A SMBJ43A SMBJ45A SMBJ48A SMBJ51A SMBJ54A SMBJ58A SMBJ60A SMBJ64A SMBJ70A SMBJ75A SMBJ78A SMBJ85A SMBJ90A SMBJ100A SMBJ110A SMBJ120A SMBJ130A SMBJ150A SMBJ160A SMBJ170A Bi-Polar SMBJ36CA SMBJ40CA SMBJ43CA SMBJ45CA SMBJ48CA SMBJ51CA SMBJ54CA SMBJ58CA SMBJ60CA SMBJ64CA SMBJ70CA SMBJ75CA SMBJ78CA SMBJ85CA SMBJ90CA SMBJ100CA SMBJ110CA SMBJ120CA SMBJ130CA SMBJ150CA SMBJ160CA SMBJ170CA Uni MP MR MT MV MX MZ NE NG NK NM NP NR NT NV NX NZ PE PG PK PM PP PR Bi CP CR CT CV CX CZ DE DG DK DM DP DR DT DV DX DZ EE EG EK EM EP ER IPPM IT(mA) V WM (Volts) 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 Min. 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 Max. 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104 111 123 135 147 159 185 197 209 1.0 1.0 1.0 1.0 1.0 VC (Volts) 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 IPPM (Amps) 10.3 9.3 8.6 8.3 7.8 7.3 6.9 6.4 6.2 5.8 5.3 5.0 4.8 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2 ID (A) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Note: 1. For parts with suffix A, the V BR is +/- 5%. 2. For Bi-directional type having VWM of 10V or less, the ID limit is double. Rev.C/AH 2007-08-01 www.taitroncomponents.com Page 3 of 5 600W Surface Mount Transient Voltage Suppressor SMBJ5.0A~170CA Typical Characteristics Curves Fig.1- Peak Pulse Power Derating Curve Fig.2- Peak Pulse Power Rating Curve PPPM Peak Pulse Power (KW) Non-repetitive Pulse Waveform Shown in Fig 3 PPPM OR IPPM (%) Mounted on 5mmx5mm Copper Pads Areas Ambient Temperature Ta (C) Pulse Width td IPPM Peak Pulse current (%) Fig.3- Pulse Waveform Fig.4- Max. Non-Repetitive Forward Surge Current Time t (ms) Fig.6- Capacitance for Uni-direction CJ Capacitance (pF) CJ Capacitance (pF) IFSM Forward Surge Current (A) Number of Cycles at 60Hz Fig.6- Capacitance for Bi-direction Breakdown Voltage (VBR) Breakdown Voltage (VBR) Rev.C/AH 2007-08-01 www.taitroncomponents.com Page 4 of 5 600W Surface Mount Transient Voltage Suppressor SMBJ5.0A~170CA Dimensions in inches (mm) SMB DO214AA How to contact us: US HEADQUARTERS 28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com TAITRON COMPONENTS MEXICO, S.A .DE C.V. BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190 TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052 TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev.C/AH 2007-08-01 www.taitroncomponents.com Page 5 of 5 |
Price & Availability of SMBJ20CA |